Part Number Hot Search : 
3FJ25 G936T81B 1041DV33 2SD1572 AA8361 0ETTTS 370903 MTM40N20
Product Description
Full Text Search
 

To Download B25668A6836A375 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Capacitors for Power Factor Correction
Series/Type:
MKK690-Y-12.5-01
The following products presented in this data sheet are being withdrawn. Ordering Code B25667A6257A375 Substitute Product B25668A6836A375 Date of Withdrawal 2004-07-30 Deadline Last Orders 2004-08-31 Last Shipments
For further information please contact your nearest EPCOS sales office, which will also support you in selecting a suitable substitute. The addresses of our worldwide sales network are presented at www.epcos.com/sales.
PhaseCapTM B25667-A6257-A375
MKK690-Y-12,5-01 4RB5 125-5 AD 68
Characteristics CN UN fN QN IN tan 0 Y 3x 83,6 AC 690 50 12,5 3x 10,5 F 5 % V Hz kvar A
Marking
60 Hz 15 kvar 13 A
0,2 W/kvar (dielectric)
Maximum ratings Umax
The information in our data book / sheet describes the type of component and shall not be considered as assured characteristics.
I r(40) Is (du/dt) max (du/dt) s
AC 760 AC 900 3x 15 2900 24 60
V, 8 h daily V, 1 min A (A = 40C, U N ) A V/s V/s
Toothed washer DIN 6797-J13 Hex nut DIN 439-BM12
Test data UTT UTC AC 1500 V, 10 s AC 6000 V, 10 s
Rivet (Impregnating hole)
tan (50 Hz) 0,5 W/kvar (total)
C61014-A0505-A401 Dimensions in mm
Climatic category -40/D min max Humidity stg -40 C +55 C Max. relative Humidity 95 % -55 bis +70 C
Design data Dimensions O x l Approx. weight Impregnation Fixing Mounting hole Max. torque Terminals Max. torque Terminal cross section Creepage distance Clearance 121,6 x 164 mm (4,79 x 6,46 in) 1,4 kg (3,1 lb) Gas Threaded bolt M12 14 mm (0,55 in) 10 Nm Isolated terminal, IP20 1,2 Nm 16 mm (5 AWG) 12,7 mm (0,50 in) 9,6 mm (0,38 in)
Life expectancy t LD 100 000 h
Overpressure disconnector Any mounting position possible
Remarks Natural cooling
IEC 60831-1/2, EN 60831-1/2, VDE 560-46/47
KO L E / Pe 01.12.1999
Contact: EPCOS AG KO PM L, P.O. Box 80 17 09, 81617 Munich, Germany, Fax: 0049 89 636-22748, Phone: 0049 89 636-23817


▲Up To Search▲   

 
Price & Availability of B25668A6836A375

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X